PART |
Description |
Maker |
AMS2906 AMS2906-15 AMS2906-25 AMS2906-28 AMS2906-3 |
5.0V 600mA low dropout voltage regulator 2.85V 600mA low dropout voltage regulator 2.5V 600mA low dropout voltage regulator 1.5V 600mA low dropout voltage regulator Synchronous Presettable Binary Counters with Asynchronous Reset 16-SOIC -55 to 125 600mA的低压差稳压 600mA LOW DROPOUT VOLTAGE REGULATOR 600mA的低压差稳压 Synchronous Presettable Binary Counters with Asynchronous Reset 16-PDIP -55 to 125 3.3V 600mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
G915T21U G915 G915T22B G915T22U G915T21B G915T26U |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5V 600mA Low Dropout Regulator
|
Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc]
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
G915 G915T24U G915T64U G915T64UF G91507 |
1.5V 600mA Low Dropout Regulator
|
Global Mixed-mode Technology Inc
|
AME8819AEFT250Z AME8819BEFT250Z AME8819AEFT300Z AM |
Low Dropout 600mA CMOS Regulator
|
AMETHERM Circuit Protection Thermistors
|
AP2316R-3.3TRE1 AP2316R-2.5TRE1 AP2316 |
600mA LOW DROPOUT LINEAR REGULATOR
|
http:// BCD Semiconductor Manufacturing Limited BCDSEMI
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
EUP7907VIR1 |
600mA High PSRR Low Dropout Linear Regulator
|
Eutech Microelectronics
|
APL560231DI-TRG APL560131DI-TRG APL560118VH-TRG AP |
Low Dropout 600mA Fixed Voltage Linear Regulator
|
Anpec Electronics Coropration Anpec Electronics Coroprati... Anpec Electronics Corop...
|
LT1587CM-1.5 LT1587-1.5 LT1587CT-1.5 LT1587CM-1.5T |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
|
LINEAR TECHNOLOGY CORP
|
APE8805G-28 APE8805-14 |
FIXED POSITIVE LDO REGULATOR, PDSO3 Low Dropout Voltage of 600mV at 600mA
|
ADVANCED POWER ELECTRONICS CORP Advanced Power Electronics ...
|